Part Number Hot Search : 
B25667 2SC6011A 74HC139 B820D AN646 4805D 1C681 CS61535A
Product Description
Full Text Search
 

To Download NTE133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE133 N-Channel JFET Silicon Transistor General Purpose AF Amplifier
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Drain-Source Voltage, VDS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Drain-Gate Voltage, VDG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V Gate Current, IG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Total Device Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Lead Temperature (During Soldering, 1/16" from case for 10sec), TL . . . . . . . . . . . . . . . . . . . +260C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Gate-Source Breakdown Voltage Gate Reverse Current Symbol Test Conditions Min -25 - - - -0.4 0.5 1000 Typ - - - - - - - Max - -1 -1 -6.5 -6.0 15 7500 Unit V nA A V V mA mho V(BR)GSS IG = 1A, VDS = 0 IGSS VGS(off) VGS IDSS |yfs| VGS = 20V, VDS = 0 VGS = 20V, VDS = 0, TA = +150C Gate-Source Cutoff Voltage Gate-Source Voltage Zero-Gate-Voltage Drain Current Forward Transfer Admittance ID = 1A, VDS = 15V ID = 50A, VDS = 15V VDS = 15V, VGS = 0 VDS = 15V, VGS = 0, f = 1kHz
.207 (5.28) Dia
.060 (1.52) Min
.180 (4.57)
Seating Plane
.500 (12.7) Min
.018 (0.45) .100 (2.54) Dia Drain
Source
Gate


▲Up To Search▲   

 
Price & Availability of NTE133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X